PART |
Description |
Maker |
PDTD113ZT PDTD113ZT215 PDTD113ZT-13 PDTD113ZT-15 |
NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kOhm, R2 = 10 kOhm NPN 500 mA, 50 V resistor-equipped transistor R1 = 1 kW, R2 = 10 kW NPN 500 mA, 50 V resistor-equipped transistors; R1 = 1 kOhm, R2 = 10 kOhm; Package: SOT23 (TO-236AB); Container: Tape reel smd 500 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236AB NPN 500 mA, 50 V resistor-equipped transistor; R1 = 1 kW, R2 = 10 kW
|
NXP Semiconductors N.V.
|
PDTC144EE PDTC144EEF PDTC144EK PDTC144EM PDTC144E |
100 mA, 50 V, NPN, Si, SMALL SIGNAL TRANSISTOR, TO-236 NPN resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? NPN resistor-equipped transistors; R1 = 47 k惟, R2 = 47 k惟 NPN resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ
|
NXP Semiconductors N.V.
|
PUMD17 PEMD17 PEMD17-PUMD17-15 |
NPN/PNP resistor-equipped transistors R1 = 47 kW, R2 = 22 kW PEMD17; PUMD17; NPN/PNP resistor-equipped transistors; R1 = 47 kOhm, R2 = 22 kOhm
|
NXP Semiconductors Philips Semiconductors
|
PEMH10 PUMH10 |
NPN/NPN resistor-equipped transistors; R1 = 2.2 k惟, R2 = 47 k惟 NPN/NPN resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN-NPN resistor-equipped transistors; R1 = 2.2 kOhm, R2 = 47 kOhm NPN-NPN配电阻型晶体管,R1=2.2千欧姆,R2=47千欧
|
NXP Semiconductors N.V.
|
PEMD15-PUMD15-15 |
NPN/PNP resistor-equipped transistors R1 = 4.7 k? R2 = 4.7 k?
|
NXP Semiconductors
|
PEMD18-PUMD18-15 PUMD18 |
NPN/PNP resistor-equipped transistors; R1 = 4.7 kΩ, R2 = 10 kΩ NPN/PNP resistor-equipped transistors R1 = 4.7 k? R2 = 10 k?
|
NXP Semiconductors
|
PUMD3 |
NPN/PNP resistor-equipped transistors
|
NXP Semiconductors PHILIPS[Philips Semiconductors]
|
PUMD48 PEMD48 |
NPN/PNP resistor-equipped transistors; R1 = 47 kΩ, R2 = 47 kΩ and R1 = 2.2 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 47 k楼?, R2 = 47 k楼? and R1 = 2.2 k楼?, R2 = 47 k楼?
|
NXP Semiconductors
|
PEMD15 PUMD15 |
NPN/PNP resistor-equipped transistors; R1 = 4.7 kW, R2 = 4.7 kW
|
NXP Semiconductors
|
PEMD10 PUMD10 |
NPN/PNP resistor-equipped transistors; R1 = 2.2 kΩ, R2 = 47 kΩ NPN/PNP resistor-equipped transistors; R1 = 2.2 k楼?, R2 = 47 k楼?
|
NXP Semiconductors
|